Part Number Hot Search : 
08131 C1942P BTS3205G 106P4 AM2319P ISL88813 SGP400 1335M0
Product Description
Full Text Search
 

To Download CX3225GA16000D0PTVCC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.2 2.5mm for automotive rohs compliant features ? crystal unit for automotive electronics ? improved solderability ? small and low profi le (3.2 2.5 0.85mm) ? ceramic package ? refl ow compatible ? acceptable heat cycle solder junction for 3000 cycle (?40 to + 125 c) ? aec-q200 qualifi ed applications ? ecu ? tpms ? high-speed automotive network how to order cx3225ga 16000 % 1 5 7 $$ ? ? ? ??? ? ? series ? frequency ? load capacitance d0 8 pf ? frequency tolerance p 50 10 ? 6 ? operating temp. range ? frequency temp. stability tv ? 40 to + 150 c 150 10 ? 6 ? individual specifi cation (std specifi cation is cc) packaging (tape & reel 3000 pcs./ reel) 1.6 1.6 0.4 2.6 recommended land pattern (unit: mm) 3.2r0.1 2.5r0.1 0.5r0.1 0.6r0.1 0.53r0.1 4-r0.15 r0.3 0.85r0.1 0.25 dimensions (unit: mm) speci cations item symbol speci cation units remarks frequency range f _nom 8000 to 54000 khz overtone order ot fundamental ? load capacitance cl 8 pf please contact us for other load capacitance. frequency tolerance f _tol 50 10 ? 6 25 c 3 c motional series resistance r1 table 1 ohm drive level dl table 2 w operating temp. range t _use ? 40 to + 150 c storage temp. range t _stg ? 40 to + 150 c frequency temp. characteristics f _tem 150 10 ? 6 freq. deviation from the value at 25 c please contact us for other specifications. table1 motional series resistance frequency range motional series resistance 8000 f _nom < 9800khz 500 max. 9800 f _nom < 13560khz 200 max. 13560 f _nom < 16000khz 120 max. 16000 f _nom 54000khz 100 max. table2 level of drive frequency range level of drive 8000 f _nom 54000khz 10 w (200 w max.) crystal units surface mount type cx3225ga as of march 2018


▲Up To Search▲   

 
Price & Availability of CX3225GA16000D0PTVCC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X